Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download TAP684035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2013  117 + h d dipped radial capacitors tap series tap is a professional grade device manufactured with a flame retardant coating and featuring low leakage current and impedance, very small physical sizes and exceptional temperature stability. it is designed and conditioned to operate to +125c (see page 153 for voltage derating above 85c) and is available loose or taped and reeled for auto insertion. the 15 case sizes with wide capacitance and working voltage ranges means the tap can accommodate almost any application. maximum case dimensions: millimeters (inches) tap type 475 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m capacitance tolerance k = 10% m = 20% (for j = 5% tolerance, please consult factory) 035 rated dc voltage scs suffix indicating wire form and packaging (see page 116) how to order wire c, f, g, h b, s, d case h *h 1 d a 8.50 (0.330) 7.00 (0.280) 4.50 (0.180) b 9.00 (0.350) 7.50 (0.300) 4.50 (0.180) c 10.0 (0.390) 8.50 (0.330) 5.00 (0.200) d 10.5 (0.410) 9.00 (0.350) 5.00 (0.200) e 10.5 (0.410) 9.00 (0.350) 5.50 (0.220) f 11.5 (0.450) 10.0 (0.390) 6.00 (0.240) g 11.5 (0.450) 10.0 (0.390) 6.50 (0.260) h 12.0 (0.470) 10.5 (0.410) 7.00 (0.280) j 13.0 (0.510) 11.5 (0.450) 8.00 (0.310) k 14.0 (0.550) 12.5 (0.490) 8.50 (0.330) l 14.0 (0.550) 12.5 (0.490) 9.00 (0.350) m 14.5 (0.570) 13.0 (0.510) 9.00 (0.350) n 16.0 (0.630) 9.00 (0.350) p 17.0 (0.670) 10.0 (0.390) r 18.5 (0.730) 10.0 (0.390) solid tantalum resin dipped capacitors lead-free compatible component
118  june 2013 technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 330 f capacitance tolerance: 20%; 10% (5% consult your avx representative for details) rated voltage dc (v r ) +85c: 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 4 6.3 10 13 16 23 33 surge voltage (v s ) +85c: 8 13 20 26 33 46 65 surge voltage (v s ) +125c: 5 9 12 16 21 28 40 temperature range: -55c to +125c environmental classification: 55/125/56 (iec 68-2) dissipation factor: 0.04 for c r 0.1-1.5f 0.06 for c r 2.2-6.8f 0.08 for c r 10-68f 0.10 for c r 100-330f reliability: 1% per 1000 hrs. at 85c with 0.1/v series impedance, 60% confidence level. qualification: cecc 30201 - 032 capacitance range (letter denotes case size) capacitance rated voltage dc (v r ) f code 6.3v 10v 16v 20v 25v 35v 50v 0.10 104 aa 0.15 154 aa 0.22 224 aa 0.33 334 aa 0.47 474 aa 0.68 684 ab 1.0 105 a a a c 1.5 155 a a a a d 2.2 225 a a a a b e 3.3 335 a a a b b c f 4.7 475 a a b c c e g 6.8 685 a b c d d f h 10 106 b c d e e f j 15 156 c d e f f h k 22 226 d e f h h k l 33 336 e f f j j m 47 476 f g j k m n 68 686 g h l n n 100 107 h k n n 150 157 k n n 220 227 m p r 330 337 p r values outside this standard range may be available on request. avx reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered. marking polarity, capacitance, rated dc voltage, and an "a" (avx logo) are laser marked on the capacitor body which is made of flame retardant gold epoxy resin with a limiting oxygen index in excess of 30 (astm-d-2863). ? polarity ? capacitance ? voltage ? avx logo ? tolerance code: 20% = standard (no marking) 10% = k on reverse side of unit 5% = j on reverse side of unit 16 10 a + dipped radial capacitors tap series technical specifications
june 2013  119 dipped radial capacitors tap series dcl df esr avx case capacitance (a) % max. () part no. size f max. max. @ 100 khz 25 volt @ 85c (16 volt @ 125c) tap 105( * )025 a 1.0 0.5 4 10.0 tap 155( * )025 a 1.5 0.5 4 8.0 tap 225( * )025 a 2.2 0.5 6 6.0 tap 335( * )025 b 3.3 0.6 6 5.0 tap 475( * )025 c 4.7 0.9 6 4.0 tap 685( * )025 d 6.8 1.3 6 3.1 tap 106( * )025 e 10 2.0 8 2.5 tap 156( * )025 f 15 3.0 8 2.0 tap 226( * )025 h 22 4.4 8 1.5 tap 336( * )025 j 33 6.6 8 1.2 tap 476( * )025 m 47 9.4 8 1.0 tap 686( * )025 n 68 13.6 8 0.8 35 volt @ 85c (23 volt @ 125c) tap 104( * )035 a 0.1 0.5 4 26.0 tap 154( * )035 a 0.15 0.5 4 21.0 tap 224( * )035 a 0.22 0.5 4 17.0 tap 334( * )035 a 0.33 0.5 4 15.0 tap 474( * )035 a 0.47 0.5 4 13.0 tap 684( * )035 a 0.68 0.5 4 10.0 tap 105( * )035 a 1.0 0.5 4 8.0 tap 155( * )035 a 1.5 0.5 4 6.0 tap 225( * )035 b 2.2 0.6 6 5.0 tap 335( * )035 c 3.3 0.9 6 4.0 tap 475( * )035 e 4.7 1.3 6 3.0 tap 685( * )035 f 6.8 1.9 6 2.5 tap 106( * )035 f 10 2.8 8 2.0 tap 156( * )035 h 15 4.2 8 1.6 tap 226( * )035 k 22 6.1 8 1.3 tap 336( * )035 m 33 9.2 8 1.0 tap 476( * )035 n 47 10.0 8 0.8 50 volt @ 85c (33 volt @ 125c) tap 104( * )050 a 0.1 0.5 4 26.0 tap 154( * )050 a 0.15 0.5 4 21.0 tap 224( * )050 a 0.22 0.5 4 17.0 tap 334( * )050 a 0.33 0.5 4 15.0 tap 474( * )050 a 0.47 0.5 4 13.0 tap 684( * )050 b 0.68 0.5 4 10.0 tap 105( * )050 c 1.0 0.5 4 8.0 tap 155( * )050 d 1.5 0.6 4 6.0 tap 225( * )050 e 2.2 0.8 6 3.5 tap 335( * )050 f 3.3 1.3 6 3.0 tap 475( * )050 g 4.7 1.8 6 2.5 tap 685( * )050 h 6.8 2.7 6 2.0 tap 106( * )050 j 10 4.0 8 1.6 tap 156( * )050 k 15 6.0 8 1.2 tap 226( * )050 l 22 8.8 8 1.0 dcl df esr avx case capacitance (a) % max. () part no. size f max. max. @ 100 khz 6.3 volt @ 85c (4 volt @ 125c) tap 335( * )006 a 3.3 0.5 6 13.0 tap 475( * )006 a 4.7 0.5 6 10.0 tap 685( * )006 a 6.8 0.5 6 8.0 tap 106( * )006 b 10 0.5 8 6.0 tap 156( * )006 c 15 0.8 8 5.0 tap 226( * )006 d 22 1.1 8 3.7 tap 336( * )006 e 33 1.7 8 3.0 tap 476( * )006 f 47 2.4 8 2.0 tap 686( * )006 g 68 3.4 8 1.8 tap 107( * )006 h 100 5.0 10 1.6 tap 157( * )006 k 150 7.6 10 0.9 tap 227( * )006 m 220 11.0 10 0.9 tap 337( * )006 p 330 16.6 10 0.7 10 volt @ 85c (6.3 volt @ 125c) tap 225( * )010 a 2.2 0.5 6 13.0 tap 335( * )010 a 3.3 0.5 6 10.0 tap 475( * )010 a 4.7 0.5 6 8.0 tap 685( * )010 b 6.8 0.5 6 6.0 tap 106( * )010 c 10 0.8 8 5.0 tap 156( * )010 d 15 1.2 8 3.7 tap 226( * )010 e 22 1.7 8 2.7 tap 336( * )010 f 33 2.6 8 2.1 tap 476( * )010 g 47 3.7 8 1.7 tap 686( * )010 h 68 5.4 8 1.3 tap 107( * )010 k 100 8.0 10 1.0 tap 157( * )010 n 150 12.0 10 0.8 tap 227( * )010 p 220 17.6 10 0.6 tap 337( * )010 r 330 20.0 10 0.5 16 volt @ 85c (10 volt @ 125c) tap 155( * )016 a 1.5 0.5 4 10.0 tap 225( * )016 a 2.2 0.5 6 8.0 tap 335( * )016 a 3.3 0.5 6 6.0 tap 475( * )016 b 4.7 0.6 6 5.0 tap 685( * )016 c 6.8 0.8 6 4.0 tap 106( * )016 d 10 1.2 8 3.2 tap 156( * )016 e 15 1.9 8 2.5 tap 226( * )016 f 22 2.8 8 2.0 tap 336( * )016 f 33 4.2 8 1.6 tap 476( * )016 j 47 6.0 8 1.3 tap 686( * )016 l 68 8.7 8 1.0 tap 107( * )016 n 100 12.8 10 0.8 tap 157( * )016 n 150 19.2 10 0.6 tap 227( * )016 r 220 20.0 10 0.5 20 volt @ 85c (13 volt @ 125c) tap 105( * )020 a 1.0 0.5 4 10.0 tap 155( * )020 a 1.5 0.5 4 9.0 tap 225( * )020 a 2.2 0.5 6 7.0 tap 335( * )020 b 3.3 0.5 6 5.5 tap 475( * )020 c 4.7 0.7 6 4.5 tap 685( * )020 d 6.8 1.0 6 3.6 tap 106( * )020 e 10 1.6 8 2.9 tap 156( * )020 f 15 2.4 8 2.3 tap 226( * )020 h 22 3.5 8 1.8 tap 336( * )020 j 33 5.2 8 1.4 tap 476( * )020 k 47 7.5 8 1.2 tap 686( * )020 n 68 10.8 8 0.9 tap 107( * )020 n 100 16.0 10 0.6 (*) insert capacitance tolerance code; m for 20%, k for 10% and j for 5% note: voltage ratings are minimum values. avx reserves the right to supply high- er voltage ratings in the same case size. ratings and part number reference


▲Up To Search▲   

 
Price & Availability of TAP684035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X